Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS08-R Datasheet(PDF) 45 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 45 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 49Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Parallel LED Mode
Page 33
PARALLEL LED MODE
The BCM5228U offers a parallel LED mode that is active all the time. There are 3 LED pins, LED1, LED2, and LED3 for
each port each of which can be individually configured to output one of many LED signals. Configuration can be
accomplished either by hardware or programming MII register bits. LED1 pins are shared with TXER. These pins can be
configured to output LED1 if TXER_EN pin is pulled low during power-on reset.
For unmanaged system design using the BCM5228U, the parallel LED pins for each port can be programmed through
hardware during power-on reset by pull-down or pull-up combinations of TXER/LED1 [1:8] pins. Pull-up and pull-down of
these pins should be done using a series 4.7-k
Ω resistor to OVDD or OGND respectively and LED drive and polarity should
be such that the active low output on LED1 lights up the LED. LED2 and LED3 can be configured to output one of Link,
Speed, Activity, Full-duplex, Transmit, Receive, Interrupt or Collision while LED3 can be configured to be one of Activity,
Full-duplex, Link or Speed. Software configuration of LED1, LED2 and LED3 is accomplished through MII shadow register
1Ah, Phy 1, bits [7:0]. For details, see Table 13, Table 14, and Table 15. Because LED2{1:8} pins are open drain, they can
be wire 0Red together and configured (by hardware during power-on reset or through software by setting bits in the MII
shadow register) to provide global hardware interrupt when required.
Table 13: Parallel LED Mode LED1 Selection
TXER[3:1]
MII Shadow Registera 1Ah, PHY 1, Bits [2:0]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED1 Selection
POWER-ON
LED1 SELECT
BITS[2:0]
LED1 SELECT[2:0]
0Link
1
Speed
2
Activity
3
Full-duplex
4Transmit
5
Receive
6
Interrupt
7Collision
Table 14: Parallel LED Mode LED2 Selection
TXER [6:4]
MII Shadow Registera 1Ah, PHY 1, Bits [5:3]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED2 Selection
POWER-ON
RESET LED2
SELECT[2:0]
LED2 SELECT[2:0]
0
Speed
1
Activity
2
Full-duplex
3Transmit
4
Receive
5
Interrupt
6
Collision
7Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com