Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS08-R Datasheet(PDF) 78 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 78 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 74Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 75Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 76Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 77Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 78Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 79Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 80Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 81Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 82Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 66
Auxiliary Status 2 Register (Shadow Register)
Document
5228-DS09-405-R
AUXILIARY STATUS 2 REGISTER (SHADOW REGISTER)
MLT3 Detected. The BCM5228 returns a 1 in this bit whenever MLT3 signaling is detected.
Cable Length 100X [2:0]. The BCM5228 provides the cable length for each port when a 100TX link is established.
ADC Peak Amplitude [5:0]. The BCM5228 returns the A to D converter’s 6-bit peak amplitude seen during this link.
APD Enable. When in normal mode, if this bit is set to a 1, the BCM5228 enters auto power-down mode. If this bit is set and
the link is lost, the BCM5228 enters low power-down mode. When energy is detected, the device enters full power mode.
Otherwise, it wakes up after either 2.5 seconds or 5.0 seconds, as determined by the APD Sleep Timer bit. When the
BCM5228 wakes up, it sends link pulses and also monitors energy. If the link partner’s energy is detected, the BCM5228
device continues to stay in wake-up mode for a duration determined by the APD wake-up timer before going to low power
mode.
APD Sleep Timer. This bit determines how long the BCM5228 stays in low power mode before waking up. If this bit is a 0,
the BCM5228 device waits approximately 2.5 seconds before waking up. Otherwise, it wakes up after approximately 5.0
seconds.
Table 43: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh)
BIt
Name
R/W
Description
Default
15
MLT3 Detected
R/O
1 = MLT3 detected
0
14:12
Cable Length 100X[2:0]
R/O
The BCM5228 shows the cable length in 20-meter
increments, as shown in Table 44.
000
11:6
ADC Peak Amplitude[5:0]
R/O
A to D peak amplitude seen
00h
5
APD Enable
R/W
0 = Normal mode
1 = Enable auto power-down mode
0
4
APD Sleep Timer
R/W
0 = 2.5-second sleep before wake up
1= 5.0-second sleep before wake up
0
3:0
APD Wake-Up Timer[3:0]
R/W
Duration of wake up
0001
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation. MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1.
Table 44: Cable Length
Cable Length 100x [2:0]
Cable Length in Meters
000
< 20
001
20 to <40
010
40 to <60
011
60 to < 80
100
80 to < 100
101
100 to < 120
110
120 to < 140
111
> 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com