Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS05-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Low-Cost Serial LED Mode
Page 31
Table 9: Low-Cost Serial Mode Bank 3 LED Selection
MII Shadow Registera 1Ah, PHY 3, Bits [8:6]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED Selection
SERIAL LED BANK 3 SELECT
BITS[2:0]
0
Full-duplex
1Transmit
2
Receive
3
Interrupt
4Collision
5Link
6
Speed
7
Activity
Table 10: Low-Cost Serial Mode Bank 4 LED Selection
MII Shadow Registera 1Ah, PHY 2, Bits [2:0]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED Selection
SERIAL LED BANK 4 SELECT
BITS[2:0]
0
Activity
1
Full-duplex
2Transmit
3
Receive
4
Interrupt
5Collision
6Link
7
Speed
Table 11: Low-Cost Serial Mode Bank 5 LED Selection
MII Shadow Registera 1Ah, PHY 2, Bits [5:3]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED Selection
SERIAL LED BANK 5 SELECT
BITS[2:0]
0
Speed
1
Activity
2
Full-duplex
3Transmit
4
Receive
5
Interrupt
6Collision
7Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com