Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS05-R Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 7Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 8Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 9Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 10Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 11Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 12Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 13Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 14Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Page xi
LIST OF TABLES
Table 1: 4B5B Encoding..................................................................................................................................... 4
Table 2: Pin Definitions....................................................................................................................................... 9
Table 3: BGA Ballout by Signal Name.............................................................................................................. 22
Table 4: Receive FIFO Size Select .................................................................................................................. 27
Table 5: Jumbo Packet Enable and Descrambler Lock Timer .........................................................................27
Table 6: Serial LED Mode Bit Framing ............................................................................................................. 29
Table 7: Low-Cost Serial Mode Bank 1 LED Selection .................................................................................... 30
Table 8: Low-Cost Serial Mode Bank 2 LED Selection .................................................................................... 30
Table 9: Low-Cost Serial Mode Bank 3 LED Selection .................................................................................... 31
Table 10: Low-Cost Serial Mode Bank 4 LED Selection .................................................................................. 31
Table 11: Low-Cost Serial Mode Bank 5 LED Selection .................................................................................. 31
Table 12: Low-Cost Serial Mode Bank 6 LED Selection .................................................................................. 32
Table 13: Parallel LED Mode LED1 Selection .................................................................................................. 33
Table 14: Parallel LED Mode LED2 Selection .................................................................................................. 33
Table 15: Parallel LED Mode LED3 Selection .................................................................................................. 34
Table 16: MII Management Frame Format....................................................................................................... 35
Table 17: MII Register Map Summary.............................................................................................................. 37
Table 18: MII Shadow Register Map Summary (MII Register 1Fh, bit7 = 1) .................................................... 38
Table 19: MII Control Register (Address 00d, 00h) .......................................................................................... 39
Table 20: MII Status Register (Address 01d, 01h) ........................................................................................... 41
Table 21: PHY Identifier Registers (Addresses 02d and 03d, 02h and 03h).................................................... 42
Table 22: Auto-Negotiation Advertisement Register (Address 04d, 04h)......................................................... 43
Table 23: Auto-Negotiation Link Partner Ability Register (Address 05d, 05h) .................................................. 44
Table 24: Auto-Negotiation Expansion Register (Address 06d, 06h) ............................................................... 45
Table 25: Next Page Transmit Register (Address 07d, 07h)............................................................................ 46
Table 26: Next Page Transmit Register (Address 08d, 08h)............................................................................ 47
Table 27: 100-BASE-X Auxiliary Control Register (Address 16d, 10h) ............................................................ 48
Table 28: 100BASE-X Auxiliary Status Register (Address 17d, 11h)............................................................... 49
Table 29: 100BASE-X Receive Error Counter (Address 18d, 12h) .................................................................. 50
Table 30: 100BASE-X False Carrier Sense Counter (Address 19d, 13h) ........................................................ 51
Table 31: 100BASE-X Disconnect Counter...................................................................................................... 51
Table 32: Auxiliary Control/Status Register (Address 24d, 18h) ...................................................................... 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com