Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4504 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-4504
Description  Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-4504 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-4504 Datasheet HTML 1Page - Broadcom Corporation. HCPL-4504 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optocoupler Option 020
for 5000 V rms/1 Minute Requirement
Data Sheet
Description
Option 020 consists of special construction on a wide
range of Avago plastic optocouplers. After assembly,
each unit is subjected to an equivalent electrical perform­
ance test to ensure its capability to withstand 5000 V rms
input to output for one minute. This test is recognized
by Underwriters Laboratory as proof that these compo­
nents may be used in many high voltage applications.
OPTION 020
UL Spec
Number
Specification Title
114
Appliance and Business Equipment
347
High Voltage Industrial Control Equipment
508
Industrial Control Equipment
544
Medical and Dental Equipment
773
Plug­in, Locking Type Photocontrols
916
Standard for Energy Management Equipment
1012
Power Supplies
1244
Electrical and Electronic Measuring and
Testing Equipment
1410
Television and Video Products
1950
Information Technology Equipment Including
Electrical Business Equipment
Features
• Special Construction and Testing
• UL Recognition for 5000 V rms/1 Minute Requirement
(File No. E55361)
Applications
Dielectric withstand voltage ratings are required by Un­
derwriters Laboratory when components are used in
certain types of electronic equipment. The voltage rat­
ing depends on the type of electronic equipment and
the specific application within the equipment. The 5000
V rms/1 Minute dielectric withstand voltage rating pro­
vided by Option 020 offers excellent high voltage input
to output protection. Some applicable UL documents
are listed below.
YYWW
PIN
ONE
DATE
CODE
OPTION CODE
LETTER FOR
OPTION 020
TYPE NUMBER
HP XXXX L
DEVICE MARKING
A


Similar Part No. - HCPL-4504

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
High CMR, High Speed Optocouplers
HCPL-4504 HP-HCPL-4504 Datasheet
153Kb / 20P
High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
More results

Similar Description - HCPL-4504

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-202BH CUI-PJ-202BH Datasheet
237Kb / 1P
VOLTAGE WITHSTAND: 500V AC R.N.S. FOR 1 MINUTE
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
Recom International Pow...
RKZ-XX2005D RECOM-RKZ-XX2005D Datasheet
323Kb / 5P
High Isolation 3kVDC & 4kVDC for 1 minute
logo
Broadcom Corporation.
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
E55361 AVAGO-E55361 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com