Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4504 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HCPL-4504
Description  Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-4504 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HCPL-4504 Datasheet HTML 1Page - Broadcom Corporation. HCPL-4504 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
All specifications for optocouplers remain unchanged
when this option is ordered. The 5000 V rms/1 Minute
capability is validated by a factory 6200 VAC/1 Second
dielectric voltage withstand test.
Ordering Information
To obtain this high voltage capability on plastic opto­
couplers order the standard part number and Option
020.
Examples:
6N135#020
HCPL­7710#020
This option may also be combined with option #300
(gullwing surface mount) or #500 (gullwing in tape &
reel).
To obtain these combinations order option #320 or #520
respectively.
Examples:
6N135#320 (gullwing surface mount and 5000 VAC/1
min)
HCPL­2601#520 (gullwing surface mount and 5000
VAC/1 min) in tape & reel
This option is currently available on the following plastic
optocouplers.
6N135/6
6N137
6N138/9
ACPL­772L
ACPL­K453, ACPL­P454, ACPL­W454
ACPL­P611, ACPL­W611
HCPL­2601/11
HCPL­260L/3L
HCPL­261A/N
HCPL­270L/3L
HCPL­2502/3
HCPL­2530/1/3
HCPL­2630/1, HCPL­263A/N, HCPL­4661
HCPL­2730/1
HCPL­4731
HCPL­4562
HCPL­4502/3/4/6, HCPL­4534
HCPL­4701
HCPL­7710/20/21/23
Contact your local Avago Sales Representative concern­
ing availability of this option for optocouplers not listed.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes 5965-2746E
AV02-0618EN - July 24, 2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com