Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3455 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3455
Description  White FAKRA Plug to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3455 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3455 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dielectric Type
PE (LD)
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.11 in [2.79 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
FAKRA Plug
BNC Male
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Configuration
Straight
Straight
Contact Material and Plating
Phosphor Bronze, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
Dielectric Type
PTFE
Teflon
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Brass, Nickel
Body Plating Specification
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C3455 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: White FAKRA Plug to BNC Male Cable Using RG174 Coax PE3C3455
RF Cable Assemblies Technical Data Sheet
PE3C3455
White FAKRA Plug to BNC Male Cable Using RG174 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com