Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3455 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3455
Description  White FAKRA Plug to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3455 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3455 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3455 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: FAKRA Plug
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.08
1.14
1.21
1.32
dB/ft
3.41
3.54
3.74
3.97
4.33
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: White FAKRA Plug to BNC Male Cable Using RG174 Coax PE3C3455
PE3C3455 REV
White FAKRA Plug to BNC Male Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3455


Similar Part No. - PE3C3455

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3450 PASTERNACK-PE3C3450 Datasheet
355Kb / 4P
10-32 Female to BNC Male Cable Using RG316 Coax
PE3C3451 PASTERNACK-PE3C3451 Datasheet
357Kb / 4P
D-Sub Plug to BNC Male Cable Using RG316 Coax
PE3C3453 PASTERNACK-PE3C3453 Datasheet
362Kb / 4P
BNC Male to BNC Female Cable Using RG188 Coax
PE3C3453-12 PASTERNACK-PE3C3453-12 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 12 Inch Length Using RG188 Coax
PE3C3453-24 PASTERNACK-PE3C3453-24 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 24 Inch Length Using RG188 Coax
More results

Similar Description - PE3C3455

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38751H PASTERNACK-PE38751H Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C3318 PASTERNACK-PE3C3318 Datasheet
356Kb / 4P
SMB Plug to BNC Male Cable Using RG174 Coax
PE3C3390 PASTERNACK-PE3C3390 Datasheet
358Kb / 4P
SSMB Plug to BNC Male Cable Using RG174 Coax
PE3C3422 PASTERNACK-PE3C3422 Datasheet
358Kb / 4P
BNC Male to SHV Plug Cable Using RG174 Coax
PE3C3425 PASTERNACK-PE3C3425 Datasheet
364Kb / 4P
SMC Plug to BNC Male Cable Using RG174 Coax
PE3C3454 PASTERNACK-PE3C3454 Datasheet
398Kb / 4P
Black FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3456 PASTERNACK-PE3C3456 Datasheet
399Kb / 4P
Blue FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3457 PASTERNACK-PE3C3457 Datasheet
398Kb / 4P
Violet FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3462 PASTERNACK-PE3C3462 Datasheet
399Kb / 4P
White FAKRA Jack to BNC Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com