Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS120-7ST Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACS120-7ST
Description  AC LINE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7ST Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACS120-7ST Datasheet HTML 3Page - STMicroelectronics ACS120-7ST Datasheet HTML 4Page - STMicroelectronics ACS120-7ST Datasheet HTML 5Page - STMicroelectronics ACS120-7ST Datasheet HTML 6Page - STMicroelectronics ACS120-7ST Datasheet HTML 7Page - STMicroelectronics ACS120-7ST Datasheet HTML 8Page - STMicroelectronics ACS120-7ST Datasheet HTML 9Page - STMicroelectronics ACS120-7ST Datasheet HTML 10Page - STMicroelectronics ACS120-7ST Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACS120-7SB/SFP/ST
8/11
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
DPAK
S(cm²)
Rth
(°C/W)
(j-a)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (printed circuit
board FR4, copper thickness: 35µm)
ACS
1
20
-
7
S
X
AC Switch
Number of switches
I
20 = 2.0A
T(RMS)
V
7 = 700V
DRM
Gate Sensitivity
S= 10mA
Package
B = DPAK
FP = TO-220FPAB
T = TO-220AB
ORDERING INFORMATION
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(V)
TM
T max. :
V =0.85V
R =200m
j
to
d
Ω
Tj=25°C
Tj=125°C
I
(A)
TM
Fig.
10:
On-state
characteristics
(maximum
values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com