Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS120-7ST Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACS120-7ST
Description  AC LINE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7ST Datasheet(HTML) 1 Page - STMicroelectronics

  ACS120-7ST Datasheet HTML 1Page - STMicroelectronics ACS120-7ST Datasheet HTML 2Page - STMicroelectronics ACS120-7ST Datasheet HTML 3Page - STMicroelectronics ACS120-7ST Datasheet HTML 4Page - STMicroelectronics ACS120-7ST Datasheet HTML 5Page - STMicroelectronics ACS120-7ST Datasheet HTML 6Page - STMicroelectronics ACS120-7ST Datasheet HTML 7Page - STMicroelectronics ACS120-7ST Datasheet HTML 8Page - STMicroelectronics ACS120-7ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ACS120-7SB/SFP/ST
®
April 2003 - Ed: 2A
AC LINE SWITCH
DPAK
ACS120-7SB
s
Blocking voltage : VDRM /VRRM = +/-700V
s
Avalanche controlled : VCL typ = 1100 V
s
Nominal conducting current : IT(RMS) =2A
s
Gate triggering current : IGT <10mA
s
Switch integrated driver
s
High noise immunity : static dV/dt >500V/µs
FEATURES
The ACS120 belongs to the AC line switch family
built around the ASD™ concept. This high perfor-
mance switch circuit is able to control a load up to 2
A.
The ACS™ switch embeds a high voltage clamp-
ing structure to absorb the inductive turn off energy
and a gate level shifter driver to separate the digital
controller from the main switch. It is triggered with
a negative gate current flowing out of the gate pin.
DESCRIPTION
COM
OUT
G
s
Needs no more external protection snubber or
varistor
s
Enables equipment to meet IEC 61000-4-5
s
Reduces component count up to 80 %
s
Interfaces directly with the microcontroller
s
Eliminates
any
gate
kick
back
on
the
microcontroller
s
Allows straightforward connection of several
ACS™ on same cooling pad.
BENEFITS
OUT
COM
G
S
D
ON
FUNCTIONAL DIAGRAM
ASD™
AC Switch Family
TO-220FPAB
ACS120-7SFP
OUT
COM
G
s
AC static switching in appliance control systems
s
Drive of low power high inductive or resistive
loads like
- relay, valve, solenoid, dispenser
- pump, fan, micro-motor
- defrost heater
MAIN APPLICATIONS
OUT
COM
G
TO-220AB
ACS120-7ST


Similar Part No. - ACS120-7ST

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ACS120-7ST KERSEMI-ACS120-7ST Datasheet
445Kb / 11P
AC LINE SWITCH
logo
STMicroelectronics
ACS120-7ST STMICROELECTRONICS-ACS120-7ST Datasheet
477Kb / 17P
Overvoltage protected AC switch (ACS)
24-Mar-2022
ACS120-7ST-TR STMICROELECTRONICS-ACS120-7ST-TR Datasheet
477Kb / 17P
Overvoltage protected AC switch (ACS)
24-Mar-2022
More results

Similar Description - ACS120-7ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
AC LINE SWITCH
Oct-2001
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
AC LINE SWITCH
21-Jun-2005
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
AC LINE FILTER
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com