Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9480 Datasheet HTML 2Page - Analog Devices AD9480 Datasheet HTML 3Page - Analog Devices AD9480 Datasheet HTML 4Page - Analog Devices AD9480 Datasheet HTML 5Page - Analog Devices AD9480 Datasheet HTML 6Page - Analog Devices AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices AD9480 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9480
Rev. 0 | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V; differential encode input, unless otherwise noted.
Table 4.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Full
VI
250
MSPS
Full
VI
20
MSPS
Full
IV
1.2
2
ns
CLOCK
Maximum Conversion Rate
Minimum Conversion Rate
Clock Pulse Width High (tEH)
Clock Pulse Width Low (tEL)
Full
IV
1.2
2
ns
Full
VI
1.9
ns
Full
VI
2.8
3.8
ns
Full
V
0.5
ns
Full
V
0.5
ns
Full
VI
1.9
2.7
3.7
ns
Full
IV
0
0.1
0.6
ns
OUTPUT PARAMETERS
Valid Time (tV)1
Propagation Delay (tPD)1
Rise Time (tR) 20% to 80%
Fall Time (tF) 20% to 80%
DCO Propagation Delay (tCPD)
Data-to-DCO Skew (tPD – tCPD)
Pipeline Latency
25
°C
VI
8
Cycles
APERTURE
Aperture Delay (tA)
25
°C
V
1.5
ns
Aperture Uncertainty (Jitter)
25
°C
V
0.25
ps rms
1 Valid Time is approximately equal to minimum tPD. CLoad equals 5 pF maximum.
TIMING DIAGRAM
N–1
N
N+1
N+8
N+9
N+10
N+11
tEH
tEL
1/fS
tA
N–8
tPD
8 CYCLES
tV
N–7
N
N+1
N+2
tCPD
CLK+
CLK–
DATA
OUT
DCO–
DCO+
AIN
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com