Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9480 Datasheet HTML 10Page - Analog Devices AD9480 Datasheet HTML 11Page - Analog Devices AD9480 Datasheet HTML 12Page - Analog Devices AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices AD9480 Datasheet HTML 16Page - Analog Devices AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9480
Rev. 0 | Page 14 of 28
External Reference
An external reference can be used for greater accuracy and
temperature stability when required. The gain of the AD9480
can also be varied using this configuration. A voltage output
DAC can be used to set VREF, providing for a means to digitally
adjust the full-scale voltage. VREF can be externally set to
voltages from .75 V to 1.5 V; optimum performance is typically
obtained at VREF = 1 V. (See the Typical Performance
Characteristics section.)
MAY REQUIRE
RC FILTER
AVDD
EXTERNAL
REFERENCE OR
DAC INPUT
VREF
SENSE
Figure 18. External Reference
Programmable Reference
The programmable reference can be used to set a differential
input span anywhere between 0.75 V p-p and 1.5 V p-p by using
an external resistor divider. The sense pin will self-bias to 0.5 V,
and the resulting VREF is equal to 0.5 × (1 + R1/R2). It is
recommended to keep the sum of R1+R2 ≥ 10 kΩ to limit
VREF loading (for VREF=1.5 V, set R1 equal to 7 kΩ and R2
equal to 3.5 kΩ).
0.1
µF
R1
R2
10
µF
VREF
SENSE
Figure 19. Programmable Reference
DIGITAL OUTPUTS
LVDS outputs are available when a 3.7 kΩ RSET resistor is
placed at Pin 42 (LVDSBIAS) to ground. The RSET resistor
current (~ 1.2 V/RSET) is ratioed on-chip setting the output
current at each output equal to a nominal 3.5 mA with an RSET
of 3.74 kΩ. Varying the RSET current also linearly changes the
LVDS output current, resulting in a variable output swing for a
fixed termination resistance.
A 100 Ω differential termination resistor placed at the LVDS
receiver inputs results in a nominal 350 mV swing at the
receiver. LVDS mode facilitates interfacing with LVDS receivers
in custom ASICs and FPGAs that have LVDS capability for
superior switching performance in noisy environments. Single
point-to-point net topologies are recommended with a 100 Ω
termination resistor as close to the receiver as possible. Keep the
trace length 3 to 4 inches maximum and the differential output
trace lengths as equal as possible.
OUTPUT CODING
Table 10.
Code
(VIN+)
− (VIN−)
Offset Binary
Twos Complement
255
> 0.512 V
1111 1111
0111 1111
255
0.512 V
1111 1111
0111 1111
254
0.508 V
1111 1110
0111 1110
•
•
•
•
•
•
•
•
129
0.004 V
1000 0001
0000 0001
128
0.0 V
1000 0000
0000 0000
127
–0.004 V
0111 1111
1111 1111
•
•
•
•
•
•
•
•
2
-0.504 V
0000 0010
1000 0010
1
–0.508 V
0000 0001
1000 0001
0
–0.512 V
0000 0000
1000 0000
0
< –0.512 V
0000 0000
1000 0000
INTERLEAVING TWO AD9480s
Instrumentation applications may prefer to interleave, or
ping-pong, two AD9480s to achieve twice the sample rate, or
500 MSPS. In these applications, it is important to match the
gain and offset of the two ADCs. Varying the reference voltage
allows the gain of the ADCs to be adjusted; external dc offset
compensation can be used to reduce offset mismatch between
two ADCs. The sampling phase offset between the two ADCs is
extremely important as well, and requires very low skew
between clock signals driving the ADCs (< 2 pS clock skew for a
100 MHz analog input frequency).
DATA CLOCK OUT
An LVDS data clock is available at DCO+ and DCO−. These
clocks can facilitate latching off-chip, providing a low skew
clocking solution. The on-chip delay of the DCO clocks tracks
with the on chip delay of the data bits, (under similar loading)
such that the variation between Tpd and Tcpd is minimized. It
is recommended to keep the trace lengths on the data and DCO
pins matched and to 3 to 4 inches maximum. The output and
DCO outputs should be designed for a differential characteristic
impedance of 100 Ω, and terminated differentially at the
receiver with 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com