Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2D-GPC Datasheet(PDF) 3 Page - Cree, Inc

Part # CLM2D-GPC
Description  PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-GPC Datasheet(HTML) 3 Page - Cree, Inc

  CLM2D-GPC Datasheet HTML 1Page - Cree, Inc CLM2D-GPC Datasheet HTML 2Page - Cree, Inc CLM2D-GPC Datasheet HTML 3Page - Cree, Inc CLM2D-GPC Datasheet HTML 4Page - Cree, Inc CLM2D-GPC Datasheet HTML 5Page - Cree, Inc CLM2D-GPC Datasheet HTML 6Page - Cree, Inc CLM2D-GPC Datasheet HTML 7Page - Cree, Inc CLM2D-GPC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 1 in 1 SMD LED
CLM2D-GPC/BPC
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Green
Bin Code
Min.
(mcd)
Max.
(mcd)
A0
5600
7100
B0
7100
9000
C0
9000
11200
D0
11200
14000
E0
14000
18000
Blue
Bin Code
Min.
(mcd)
Max.
(mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
Green
Bin Code
Min.
(nm)
Max.
(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.
(nm)
Max.
(nm)
B4
465
470
B45
467.5
472.5
B5
470
475
Tolerance of measurement of dominant wavelength is ±1 nm.
INTENSITY BIN LIMIT (I
F = 20 mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com