Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2D-GPC Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM2D-GPC
Description  PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-GPC Datasheet(HTML) 4 Page - Cree, Inc

  CLM2D-GPC Datasheet HTML 1Page - Cree, Inc CLM2D-GPC Datasheet HTML 2Page - Cree, Inc CLM2D-GPC Datasheet HTML 3Page - Cree, Inc CLM2D-GPC Datasheet HTML 4Page - Cree, Inc CLM2D-GPC Datasheet HTML 5Page - Cree, Inc CLM2D-GPC Datasheet HTML 6Page - Cree, Inc CLM2D-GPC Datasheet HTML 7Page - Cree, Inc CLM2D-GPC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 1 in 1 SMD LED
CLM2D-GPC/BPC
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Green
CLM2D-GPC-CA0E0793
5600
18000
G7
520
G9
535
Reel
Green
CLM2D-GPC-CB0E0793
7100
18000
G7
520
G9
535
Reel
Green
CLM2D-GPC-CB0E0783
7100
18000
G7
520
G8
530
Reel
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Blue
CLM2D-BPC-CWaYa453
1120
3550
B4
465
B5
475
Reel
Blue
CLM2D-BPC-CWbYa453
1400
3550
B4
465
B5
475
Reel
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com