Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2 Datasheet(PDF) 2 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 2 Page - Cree, Inc

  LMH2 Datasheet HTML 1Page - Cree, Inc LMH2 Datasheet HTML 2Page - Cree, Inc LMH2 Datasheet HTML 3Page - Cree, Inc LMH2 Datasheet HTML 4Page - Cree, Inc LMH2 Datasheet HTML 5Page - Cree, Inc LMH2 Datasheet HTML 6Page - Cree, Inc LMH2 Datasheet HTML 7Page - Cree, Inc LMH2 Datasheet HTML 8Page - Cree, Inc LMH2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
2
LMH2 FaMiLy LED MoDuLEs
LMH2 CHaraCtEristiCs - WHitELigHt DiMMing* (tc = 55 °C)
Characteristics
unit
Minimum
typical
Maximum
Viewingangle(FWHM)‑850‑&1250‑lmflatlens
degrees
82
Viewingangle(FWHM)‑850‑&1250‑lmdomelens
degrees
96
Viewingangle(FWHM)‑2000‑&3000‑lmflatlens
degrees
82
Viewingangle(FWHM)‑2000‑&3000‑lmdomelens
degrees
105
Viewingangle(FWHM)‑4000‑lmflatlens
degrees
85
Viewingangle(FWHM)‑4000‑lmdomelens
degrees
105
Viewingangle(FWHM)‑6000‑lmflatlens
degrees
86
Viewingangle(FWHM)‑6000‑lmdomelens
degrees
110
Viewingangle(FWHM)‑8000‑lmflatlens
degrees
84
Viewingangle(FWHM)‑8000‑lmdomelens
degrees
110
DCforwardcurrent‑850&1250 lm
mA
400
440
480
DCforwardcurrent‑2000&3000 lm
mA
810
900
990
DCforwardcurrent‑4000 lm
mA
850
940
1030
DCforwardcurrent‑6000 lm
mA
1530
1700
1870
DCforwardcurrent‑8000 lm
mA
1800
2000
2100
Forwardvoltage‑850 lm(@440 mA,55 °C)
v
19
23
Forwardvoltage‑1250 lm(@440 mA,55 °C)
v
29
34
Forwardvoltage‑2000 lm(@900 mA,55 °C)
v
22
26
Forwardvoltage‑3000 lm(@900 mA,55 °C)
v
33
38
Forwardvoltage‑4000 lm(@940 mA,55 °C)
v
35.5
43
Forwardvoltage‑6000 lm(@1700 mA,55 °C)
v
38
46
Forwardvoltage‑8000 lm(@2000 mA,55 °C)
v
46.2
52
Luminousflux‑850‑lm(@440 mA,55 °C)
lm
790
850
909
Luminousflux‑1250‑lm(@440 mA,55 °C)
lm
1163
1250
1337
Luminousflux‑2000‑lm(@900 mA,55 °C)
lm
1860
2000
2140
Luminousflux‑3000‑lm(@900 mA,55 °C)
lm
2790
3000
3210
Luminousflux‑4000‑lm(@940 mA,55 °C)
lm
3720
4000
4280
Luminousflux‑6000‑lm(@1700 mA,55 °C)
lm
5580
6000
6420
Luminousflux‑8000‑lm(@2000 mA,55 °C)
lm
7440
8000
8560
LEDmodulecasetemperature(Tc)
°C
0
70
CRI - 90 CRI
100-point scale
90
92
CRI‑95CRI
100-point scale
95
Notes:
•
LMH2 modules are not designed for reverse bias operation.
•
Creemaintainsatoleranceof±7%onfluxmeasurements,±10%onpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
tolerance of ±2 on CRI measurements.
•
55 °Cmeasuredatcasetemperature(Tc)pointshownonpage20.
•
LuminousfluxvaluesforthedomelensLMH2LEDmodulecanbeupto3%higher.
*
WhiteLightdimmingprovidesconsistentcoloracrosstheentiredimmingrange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com