Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2 Datasheet(PDF) 20 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 20 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc LMH2 Datasheet HTML 19Page - Cree, Inc LMH2 Datasheet HTML 20Page - Cree, Inc LMH2 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
20
LMH2 FaMiLy LED MoDuLEs
MECHaniCaL DiMEnsions2
LMH2 Family Light source (Flat Lens)
LMH2 Family Light source (Dome Lens)
2
Dimensionsforthediagramsareinmmandareforreferenceonly.Forexactdimensionsandtolerances,refertothe3‑Dmodels(.STEPfiles)fortheLMH2lightsources
available by selecting the Documentation tab on the
LMH2 product page.
68.0 BC
81.0 BC
76.7
STRIPPED 10
200 ± 10
67
37.5
M3 X .5 - 6 TAPPED HOLE TYP 2X
20 2
88.2
30
5
Tc LOCATION
73.2
M3 x .5 TAPPED THRU HOLE TYP 3X
8 TAPPED HOLE TYP 4X
HEAT SINK MOUNTING HOLES
M3 X .5 -
M3 CLEARANCE HOLE TYP 3X
RED
V+
BLK
V-
CREE, INC.
4600 SILICON DR
DURHAM, NC 27703
THE INFORMATION CONTAINED IN THIS
0.015
1°
[X.XX] ARE METRIC REFERENCE
SAMPLE RELEASE
D
C
B
A
A
B
C
D
8
7
6
5
1
2
TWO PLACE DECIMAL
0.063
DESCRIPTION
REV
DESCRIPTION
REVISION
IS PROHIBITED.
DO NOT SCALE DRAWING
SHEET 3 OF 15
UNLESS OTHERWISE SPECIFIED:
PART OR AS A WHOLE WITHOUT
DRAWING IS THE SOLE PROPERTY OF
SCALE: 1:1
4
WEIGHT:
XXXNNN
REV
3
INTERPRET GEOMETRIC
DWG. NO.
DDMMMYY
DNR
A
THICKNESS UNLESS NOTED
THREE PLACE DECIMAL
WRITTEN PERMISSION OF CREE, INC.
CREE, INC. ANY REPRODUCTION IN
ALL INSIDE RADII EQUAL MATERIAL
TOLERANCING PER:
MATERIAL
FINISH
MATERIAL
FINISH
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
COMMENTS:
DATEN
AME
TITLE:
SIZE
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL 1/16”
ANGULAR: MACH 0.5° BEND
��
SHADED AND FLAT VIEWS
ARE FOR REFERENCE ONLY.
��
ALL INSIDE RADII EQUAL
MATERIAL THICKNESS UNLESS NOTED.
��
DIMENSIONS IN BRACKETS
A
68.0 BC
81.0 BC
76.7
67
STRIPPED 10
200 ± 10
37.5
60.3
6 TAPPED HOLE TYP 2X
M3 X .5 -
61.3 (LENS)
20 2
88.2
CREE, INC.
4600 SILICON DR
DURHAM, NC 27703
THE INFORMATION CONTAINED IN THIS
0.015
1°
8
7
6
5
1
2
TWO PLACE DECIMAL
0.063
DESCRIPTION
UNLESS OTHERWISE SPECIFIED:
4
3
INTERPRET GEOMETRIC
DWG. NO.
DDMMMYY
DNR
THICKNESS UNLESS NOTED
THREE PLACE DECIMAL
ALL INSIDE RADII EQUAL MATERIAL
TOLERANCING PER:
MATERIAL
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
COMMENTS:
DATE
NAME
TITLE:
SIZE
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL 1/16”
ANGULAR: MACH 0.5° BEND
5
30
Tc LOCATION
0
73.2
M3 x .5 TAPPED THRU HOLE TYP 3X
8 TAPPED HOLE TYP 4X
HEAT SINK MOUNTING HOLES
M3 X .5 -
M3 CLEARANCE HOLE TYP 3X
RED
V+
BLK
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com