Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS136 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS136 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS136 Datasheet HTML 9Page - Lumileds Lighting Company DS136 Datasheet HTML 10Page - Lumileds Lighting Company DS136 Datasheet HTML 11Page - Lumileds Lighting Company DS136 Datasheet HTML 12Page - Lumileds Lighting Company DS136 Datasheet HTML 13Page - Lumileds Lighting Company DS136 Datasheet HTML 14Page - Lumileds Lighting Company DS136 Datasheet HTML 15Page - Lumileds Lighting Company DS136 Datasheet HTML 16Page - Lumileds Lighting Company DS136 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
12
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak or
dominant wavelength and forward voltage.
Reels of LUXEON MZ LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
A
–
designates luminous flux bin (example: M=630 to 680 lumens, T=970 to 1040 lumens)
B
–
designates color bin (example: 1=6500K, 2=5700K, 3=5000K, 5=4000K, 6=3500K, 7=3000K,
8=2700K, 00= Royal Blue)
C
–
designates color space (example: 5=5-step MacAdam Ellipse, 3=3-step MacAdam Ellipse)
D
–
designates forward voltage bin (example: F, G, H)
Therefore, LUXEON MZ with a lumen range of 630 to 680, color bin of 3000K, 5-step MacAdam ellipse and a forward voltage
range of 2.63 to 2.75V for 3 volt parts has the following CAT code:
M 7 5 F
Reels of LUXEON MZ Royal Blue LEDs are labeled using a 3-digit alphanumeric CAT code following the format below:
A B C
A
–
designates radiometric power bin (example: B=4200 to 4400mW, D=4600 to 4800mW)
B
–
designates dominant wavelength bin (example: 5=450 to 455nm, 6=455 to 460nm)
C
–
designates forward voltage bin (example: F, G, H)
Therefore, a Royal Blue LUXEON MZ with a radiometric power range of 4200 to 4400mW, dominant wavelength 450 to 455nm a
forward voltage range of 11.50 to 11.70V for 12 volt parts has the following CAT code:
B 5 H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com