Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS136 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS136 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button DS136 Datasheet HTML 10Page - Lumileds Lighting Company DS136 Datasheet HTML 11Page - Lumileds Lighting Company DS136 Datasheet HTML 12Page - Lumileds Lighting Company DS136 Datasheet HTML 13Page - Lumileds Lighting Company DS136 Datasheet HTML 14Page - Lumileds Lighting Company DS136 Datasheet HTML 15Page - Lumileds Lighting Company DS136 Datasheet HTML 16Page - Lumileds Lighting Company DS136 Datasheet HTML 17Page - Lumileds Lighting Company DS136 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
13
Luminous Flux Bins
Table 5 lists the standard photometric luminous flux bins for LUXEON MZ emitters. Although several bins are outlined, product
availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON MZ White.
BIN
LUMINOUS FLUX (lm)
MINIMUM
MAXIMUM
K
550
590
L
590
630
M
630
680
N
680
730
P
730
780
Q
780
840
R
840
900
S
900
970
T
970
1040
U
1040
1120
V
1120
1200
W
1200
1290
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Radiometric Power Bins
Table 6. Radiometric power bin definitions for LUXEON MZ Royal Blue.
BIN
RADIOMETRIC POWER (mW)
MINIMUM
MAXIMUM
3
3500
3600
4
3600
3800
5
3800
4000
A
4000
4200
B
4200
4400
Notes for Table 6:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com