Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ7-SW50 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LMZ7-SW50
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW50 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LMZ7-SW50 Datasheet HTML 1Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 2Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 3Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 4Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1a. Product performance of LUXEON MZ White at test current, T
j=85ºC .
VOLTAGE
NOMINAL CCT [2]
MINIMUM
CRI
LUMINOUS FLUX [1] (lm)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
TYPICAL
12V
3000K
70
805
840
700
LMZ7-SW30
4000K
70
870
940
700
LMZ7-SW40
5000K
70
870
950
700
LMZ7-SW50
5700K
70
900
980
700
LMZ7-SW57
6500K
70
900
980
700
LMZ7-SW65
2700K
80
710
760
700
LMZ8-SW27
3000K
80
730
781
700
LMZ8-SW30
3500K
80
730
800
700
LMZ8-SW35
4000K
80
840
880
700
LMZ8-SW40
5000K
80
840
890
700
LMZ8-SW50
2700K
90
560
600
700
LMZ9-SW27
3000K
90
600
640
700
LMZ9-SW30
5700K
90
700
770
700
LMZ9-SW57
6V
3000K
70
805
840
1400
LMZ7-RW30
4000K
70
870
940
1400
LMZ7-RW40
5000K
70
870
950
1400
LMZ7-RW50
5700K
70
900
980
1400
LMZ7-RW57
6500K
70
900
980
1400
LMZ7-RW65
2700K
80
710
760
1400
LMZ8-RW27
3000K
80
730
781
1400
LMZ8-RW30
3500K
80
730
800
1400
LMZ8-RW35
4000K
80
840
880
1400
LMZ8-RW40
5000K
80
840
890
1400
LMZ8-RW50
2700K
90
560
600
1400
LMZ9-RW27
3000K
90
600
640
1400
LMZ9-RW30
5700K
90
700
770
1400
LMZ9-RW57
3V
3000K
70
805
840
2800
LMZ7-QW30
4000K
70
870
940
2800
LMZ7-QW40
5000K
70
870
950
2800
LMZ7-QW50
5700K
70
900
980
2800
LMZ7-QW57
6500K
70
900
980
2800
LMZ7-QW65
2700K
80
710
760
2800
LMZ8-QW27
3000K
80
730
781
2800
LMZ8-QW30
3500K
80
730
800
2800
LMZ8-QW35
4000K
80
840
880
2800
LMZ8-QW40
5000K
80
840
890
2800
LMZ8-QW50
2700K
90
560
600
2800
LMZ9-QW27
3000K
90
600
640
2800
LMZ9-QW30
5700K
90
700
770
2800
LMZ9-QW57
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Table 1b. Product performance for LUXEON MZ Royal Blue at test current, T
j=85°C .
VOLTAGE
DOMINANT WAVELENGTH (nm)
RADIOMETRIC POWER (mW)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
MAXIMUM
MINIMUM
TYPICAL
12V
445
460
3500
3600
700
LMZ0-SR00
6V
445
460
3500
3600
1400
LMZ0-RR00
3V
445
460
3500
3600
2800
LMZ0-QR00
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com