Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ7-SW50 Datasheet(PDF) 20 Page - Lumileds Lighting Company

Part # LMZ7-SW50
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW50 Datasheet(HTML) 20 Page - Lumileds Lighting Company

Back Button LMZ7-SW50 Datasheet HTML 13Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 14Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 15Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 16Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 17Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 18Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 19Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 20Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 21Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
19
Reel Dimensions
Notes for Figure 12:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Figure 12: Reel dimensions for LUXEON MZ .
16.8mm OUTSIDE WIDTH
12.4mm INSIDE WIDTH
330.00 REEL DIAMETER
13.00mm ARBOR
HOLE DIAMETER
COVER TAPE
DIRECTION OF FEED
CARRIER TAPE
TAPE REEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com