Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC167064 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC167064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC167064 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button HPC167064 Datasheet HTML 19Page - National Semiconductor (TI) HPC167064 Datasheet HTML 20Page - National Semiconductor (TI) HPC167064 Datasheet HTML 21Page - National Semiconductor (TI) HPC167064 Datasheet HTML 22Page - National Semiconductor (TI) HPC167064 Datasheet HTML 23Page - National Semiconductor (TI) HPC167064 Datasheet HTML 24Page - National Semiconductor (TI) HPC167064 Datasheet HTML 25Page - National Semiconductor (TI) HPC167064 Datasheet HTML 26Page - National Semiconductor (TI) HPC167064 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
HPC167064 UART
The HPC167064 contains a software programmable UART
The UART (see
Figure 26 ) consists of a transmit shift regis-
ter a receiver shift register and five addressable registers
as follows a transmit buffer register (TBUF) a receiver buff-
er register (RBUF) a UART control and status register
(ENU) a UART receive control and status register (ENUR)
and a UART interrupt and clock source register (ENUI) The
ENU register contains flags for transmit and receive func-
tions this register also determines the length of the data
frame (8 or 9 bits) and the value of the ninth bit in transmis-
sion The ENUR register flags framing and data overrun er-
rors while the UART is receiving Other functions of the
ENUR register include saving the ninth bit received in the
data frame and enabling or disabling the UART’s Attention
Mode of operation The determination of an internal or ex-
ternal clock source is done by the ENUI register as well as
selecting the number of stop bits and enabling or disabling
transmit and receive interrupts
The baud rate clock for the Receiver and Transmitter can
be selected for either an internal or external source using
two bits in the ENUI register The internal baud rate is pro-
grammed by the DIVBY register The baud rate may be se-
lected from a range of 8 Hz to 128 kHz in binary steps or T3
underflow By selecting a 983 MHz crystal all standard
baud rates from 75 baud to 384 kBaud can be generated
The external baud clock source comes from the CKX pin
The Transmitter and Receiver can be run at different rates
by selecting one to operate from the internal clock and the
other from an external source
The HPC167064 UART supports two data formats The first
format for data transmission consists of one start bit eight
data bits and one or two stop bits The second data format
for transmission consists of one start bit nine data bits and
one or two stop bits Receiving formats differ from transmis-
sion only in that the Receiver always requires only one stop
bit in a data frame
UART Wake-Up Mode
The HPC167064 UART features a Wake-Up Mode of opera-
tion This mode of operation enables the HPC167064 to be
networked with other processors Typically in such environ-
ments the messages consist of addresses and actual data
Addresses are specified by having the ninth bit in the data
frame set to 1 Data in the message is specified by having
the ninth bit in the data frame reset to 0
The UART monitors the communication stream looking for
addresses When the data word with the ninth bit set is
received the UART signals the HPC167064 with an inter-
rupt The processor then examines the content of the re-
ceiver buffer to decide whether it has been addressed and
whether to accept subsequent data
TLDD11046 – 34
FIGURE 26 UART Block Diagram
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com