Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC167064 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC167064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC167064 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button HPC167064 Datasheet HTML 26Page - National Semiconductor (TI) HPC167064 Datasheet HTML 27Page - National Semiconductor (TI) HPC167064 Datasheet HTML 28Page - National Semiconductor (TI) HPC167064 Datasheet HTML 29Page - National Semiconductor (TI) HPC167064 Datasheet HTML 30Page - National Semiconductor (TI) HPC167064 Datasheet HTML 31Page - National Semiconductor (TI) HPC167064 Datasheet HTML 32Page - National Semiconductor (TI) HPC167064 Datasheet HTML 33Page - National Semiconductor (TI) HPC167064 Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Development Support (Continued)
PROGRAMMING SUPPORT
The HPC167064 EPROM array can be programmed using a
DATA IO Unisite model with a pinsite module No adaptor
board is required with the DATA IO programmer Program-
ming of the configuration bytes and security bits is de-
scribed in the HPC Family User’s Manual
HOW TO ORDER
To order a complete development package select the sec-
tion for the microcontroller to be developed and order the
parts listed
Development Tools Selection Table
Order
Description
Includes
Manual
Number
Number
HPC-DEV-IBMA
AssemblerLinkerLibrarian
HPC AssemblerLinkerLibrarian
424410836-001
Package for IBM PCAT
User’s Manual
HPC-DEV-IBMC
C Compiler
HPC C Compiler User’s Manual
424410883-001
AssemblerLinkerLibrarian
HPC AssemblerLinkerLibrarian
424410836-001
Package for IBM PCAT
User’s Manual
DIAL-A-HELPER
Dial-A-Helper is a service provided by the Microcontroller
Applications group Dial-A-Helper is an Electronic Bulletin
Board Information system and additionally provides the ca-
pability of remotely accessing the development system at a
customer site
INFORMATION SYSTEM
The Dial-A-Helper system provides access to an automated
information storage and retrieval system that may be ac-
cessed over standard dial-up telephone lines 24 hours a
day The system capabilities include a MESSAGE SECTION
(electronic mail) for communications to and from the Micro-
controller Applications Group and a FILE SECTION which
consists of several file areas where valuable application
software and utilities can be found The minimum require-
ment for accessing Dial-A-Helper is a Hayes compatible mo-
dem
If the user has a PC with a communications package then
files from the FILE SECTION can be downloaded to disk for
later use
Order PN MDS-DIAL-A-HLP
Information System Package Contains
Dial-A-Helper Users Manual
Public Domain Communications Software
FACTORY APPLICATIONS SUPPORT
Dial-A-Helper also provides immediate factory applications
support If a user is having difficulty in operating a MDS
messages can be left on our electronic bulletin board which
we will respond to
Voice
(408) 721-5582
Modem (408) 739-1162
Baud 300 or 1200 baud
Set-Up
Length
8-bit
Parity
None
Stop Bit 1
Operation 24 hrs 7 Days
TLDD11046 – 38
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com