Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PETP1017 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PETP1017
Description  Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PETP1017 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PETP1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
350 - 520
698 - 960 1710 - 2700 3500-4500 4900 - 5850
MHz
Coupling (Tested)
30 ± 1
31 ± 1.8
dB
Nominal Coupling
29
24.9
31.5
dB
Maximum Return Loss
-23.1
-23.1
dB
Typical Return Loss
-20.8
-20.8
-20.8
dB
Electrical Specification Notes:
Not designed for use in the 1,500 to 1,690 MHz frequency range.
Mechanical Specifications
Size
Length
4 in [101.6 mm]
Width
1 in [25.4 mm]
Height
2.11 in [53.59 mm]
Weight
0.687 lbs [311.62 g]
Housing Material and Plating
Aluminum, Chem Film
Configuration
Package Type
Connectorized
Input Connector
4.3-10 Female
Output Connector
4.3-10 Female
Coupled Connector
4.3-10 Female
Environmental Specifications
Humidity
IP67
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PETP1017
PETP1017 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1017
Low PIM 30 dB 4.3-10 Unequal Tapper From
350 MHz to 5.85 GHz Rated to 300 Watts
RF Tappers Technical Data Sheet



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com