Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PETP1017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PETP1017
Description  Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PETP1017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PETP1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• 1000:1 Split (30 dB Coupling)
• Low PIM (-160 dBc)
• 300 watt CW Rating
• 350 to 1,500 MHz and 1,690 to 5,850 MHz
• VSWR 1.25
• 4.3-10 Female Connector
• Mounting Bracket
Applications
• Indoor/Outdoor Use (IP67)
• Base Station
• 4G/LTE/AWS/PCS/PMR/UMTS/
TETRA/WiFi/WiMAX
• Distributed Antenna Systems
(DAS)
• Wireless Infrastructure
.
Description
The PETP1017 is a 1000:1 Split Ratio Tapper with 4.3-10 Female connectors rated to 300 watt CW. Insertion loss is a low 0.17
dB. The Nominal Coupling value at 698 to 960 MHz and 1,710 to 2,700 MHz is 30 dB.
Pasternack’s family of Low PIM Power Tappers (Unequal Power Dividers) are designed without solder joints and a unique
airline distributed capacitor construction allows for exceptional performance within the 350 to 5,850 MHz frequency range.
They are offered in a range of Split Ratios to allow flexibility in the design of your DAS system. Especially designed and
manufactured for the rigors of low PIM systems, this family of Tappers is rated at an average power of 300 watt CW, and have
PIM performance of -160 dBc or better. They can be used indoor or outdoor as they meet the moisture requirements of IP67.
They are available in four different connector types: N, DIN 7-16, 4.3-10, and Mini DIN 4.1/9.5.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.35
5.85
GHz
Split Ratio
1000:1
Impedance
50
Ohms
Coupling
30
dB
Coupling (C1 - C2)
30.1
dB
Coupling (C1 - C3)
0.1
dB
Insertion Loss
0.17
dB
Passive Intermodulation
-160
dBc
2 tones at 43 dBm, F1 = 1930 MHz, F2 = 1990 MHz
Input Power (CW)
300
Watts
Input Power (Peak)
3
KWatts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1017
PETP1017
PETP1017 REV 1.1
Low PIM 30 dB 4.3-10 Unequal Tapper From
350 MHz to 5.85 GHz Rated to 300 Watts
RF Tappers Technical Data Sheet


Similar Part No. - PETP1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PETP1010 PASTERNACK-PETP1010 Datasheet
523Kb / 7P
Low PIM 10 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1011 PASTERNACK-PETP1011 Datasheet
523Kb / 7P
Low PIM 10 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1012 PASTERNACK-PETP1012 Datasheet
526Kb / 7P
Low PIM 15 dB 4.1/9.5 Mini DIN Unequal Tapper
PETP1013 PASTERNACK-PETP1013 Datasheet
525Kb / 7P
Low PIM 15 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1014 PASTERNACK-PETP1014 Datasheet
524Kb / 7P
Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
More results

Similar Description - PETP1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PETP1001 PASTERNACK-PETP1001 Datasheet
524Kb / 7P
Low PIM 5 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1003 PASTERNACK-PETP1003 Datasheet
487Kb / 6P
Low PIM 6 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1005 PASTERNACK-PETP1005 Datasheet
525Kb / 7P
Low PIM 7 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1007 PASTERNACK-PETP1007 Datasheet
525Kb / 7P
Low PIM 8 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1009 PASTERNACK-PETP1009 Datasheet
522Kb / 7P
Low PIM 9 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1010 PASTERNACK-PETP1010 Datasheet
523Kb / 7P
Low PIM 10 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1011 PASTERNACK-PETP1011 Datasheet
523Kb / 7P
Low PIM 10 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1013 PASTERNACK-PETP1013 Datasheet
525Kb / 7P
Low PIM 15 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1015 PASTERNACK-PETP1015 Datasheet
525Kb / 7P
Low PIM 20 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1016 PASTERNACK-PETP1016 Datasheet
525Kb / 7P
Low PIM 30 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com