Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7333 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7333
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7333 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7333 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HT7350, +5.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
6V
IOUT=40mA
4.85
5
5.15
V
IOUT(MAX)
Maximum Output Current
6V
VOUT
³4.5V
250
¾¾
mA
DVOUT*
Load Regulation
6V
1mA
£IOUT£100mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
60
¾
mV
ISS
Quiescent Current
6V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
6V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
6V
IOUT=80mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
Note:
²*² Regulation is measured at constant junction temperature, using pulsed ON time.
²**² Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT in-
side target value
±2%.
Application Circuits
HT73XX
Rev. 1.10
5
July 30, 2004
C 1
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
V I N
V I N
V O U T
V O U T
C 2
1 0 m F
H T 7 3 X X
S e r i e s
D V O U T
D V I N ´ V O U T
D V O U T
D T a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com