Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7333 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7333
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7333 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7333 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HT7330, +3.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4V
IOUT=40mA
2.91
3
3.09
V
IOUT(MAX)
Maximum Output Current
4V
VOUT
³2.7V
250
¾¾
mA
DVOUT*
Load Regulation
4V
1mA
£IOUT£80mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
95
¾
mV
ISS
Quiescent Current
4V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
4V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
4V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7333, +3.3V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.3V
IOUT=40mA
3.201
3.3
3.399
V
IOUT(MAX)
Maximum Output Current
4.3V
VOUT
³2.97V
250
¾¾
mA
DVOUT*
Load Regulation
4.3V
1mA
£IOUT£80mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
90
¾
mV
ISS
Quiescent Current
4.3V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
4.3V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
4.3V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7335, +3.5V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.5V
IOUT=40mA
3.395
3.5
3.605
V
IOUT(MAX)
Maximum Output Current
4.5V
VOUT
³3.15V
250
¾¾
mA
DVOUT*
Load Regulation
4.5V
1mA
£IOUT£80mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
80
¾
mV
ISS
Quiescent Current
4.5V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
4.5V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
4.5V
IOUT=80mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT73XX
Rev. 1.10
4
July 30, 2004
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D T a
D V O U T
D V I N ´ V O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com