Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX511T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTX511T
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX511T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX511T Datasheet HTML 1Page - KEC(Korea Electronics) KTX511T Datasheet HTML 2Page - KEC(Korea Electronics) KTX511T Datasheet HTML 3Page - KEC(Korea Electronics) KTX511T Datasheet HTML 4Page - KEC(Korea Electronics) KTX511T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2002. 1. 24
2/5
KTX511T
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-12V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-0.1
A
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
20
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
20
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-750mA, IB=-15mA
-
-120
-180
mV
IC=-1.5A, IB=-30mA
-
-210
-320
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=-750mA, IB=-15mA
-
-0.85
-1.2
V
DC Current Gain
hFE
VCE=-2V, IC=-100mA
200
-
560
Transition Frequency
fT
VCE=-2V, IC=-300mA
-
210
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
-
30
-
pF
Swiitching
Time
Turn-On Time
ton
-
50
-
nS
Storage Time
tstg
-
90
-
Fall Time
tf
-
15
-
Transistor Q1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1mA
30
-
-
V
Forward Voltage
VF
IF=0.7A
-
-
0.55
V
Reverse Current
IR
VR=30V
80
A
Total Capacitance
CT
VR=0V, f=1MHz
-
190
-
pF
Reverse Recover Time
trr
IF=IR=100mA
-
7.5
-
ns
Diode (SBD) D1
IB1
B2
I
INPUT
OUTPUT
50
Ω
220
µF
PW=20
µs
DC 1%
470
µF
R
V
B
R
L
R
BE
V
=5V
CC
V
=-5V
-20I =20I =I =-750mA
B1
B2 C
<
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com