Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX511T Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KTX511T
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX511T Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KTX511T Datasheet HTML 1Page - KEC(Korea Electronics) KTX511T Datasheet HTML 2Page - KEC(Korea Electronics) KTX511T Datasheet HTML 3Page - KEC(Korea Electronics) KTX511T Datasheet HTML 4Page - KEC(Korea Electronics) KTX511T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002. 1. 24
5/5
KTX511T
Revision No : 1
0.2
AMBIENT TEMPERATURE Ta ( C)
-40
AMBIENT TEMPERATURE Ta ( C)
I - Ta
R
V - Ta
F
0
40
80
120
160
I =700mA
F
C - V
R
REVERSE VOLTAGE V (V)
TR
0
0
1
-40
10
10
2
10
3
10
4
0
40
80
120
160
200
Ta=25 C
0.3
0.4
0.5
0.6
0.7
0.8
5
1015202530
20
40
60
80
100
120
140
160
180
200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com