Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4212CMS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4212CMS
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212CMS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4212CMS Datasheet HTML 13Page - Linear Technology LTC4212CMS Datasheet HTML 14Page - Linear Technology LTC4212CMS Datasheet HTML 15Page - Linear Technology LTC4212CMS Datasheet HTML 16Page - Linear Technology LTC4212CMS Datasheet HTML 17Page - Linear Technology LTC4212CMS Datasheet HTML 18Page - Linear Technology LTC4212CMS Datasheet HTML 19Page - Linear Technology LTC4212CMS Datasheet HTML 20Page - Linear Technology LTC4212CMS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC4212
4212f
Figure 3. Power Good Time-Out Fault and ECB Reset Sequence
CHECK FOR GATE < 0.2V
ON GOES LOW
CHECK FOR FAULT HIGH
LOGIC RESET
(200
µA GATE PULLDOWN)
FAST COMP ARMED
SLOW COMP & POWER GOOD CIRCUIT ARMED
PGI SAMPLED
CIRCUIT BREAKER RESET
VCC
VCC
ON
VREF
2.34V
VREF
VREF
TIMER
GATE
DC/DC
CONVERTER
OUTPUT
(RST)
DC/DC
CONVERTER
OUTPUT
(PGOOD)
FAULT
PGT
PGI
PGF
4212 F03
12
3
4
5 6
7
8 9
10
11 12
13
14
15
16
17
19
POWER GOOD
TIME-OUT CYCLE
(CPGT)
POWER GOOD TIMEOUT FAULT SEQUENCE
ECB RESET
SEQUENCE
< 200ms
0.95V
0.65V
1ST TIMING
CYCLE (CTIMER)
2ND TIMING
CYCLE (CTIMER)
SOFT-START
ACTIVE
VOUT
VOUT
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com