Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRBRASF Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LTRBRASF
Description  Multi CHIPLED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASF Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LTRBRASF Datasheet HTML 7Page - OSRAM GmbH LTRBRASF Datasheet HTML 8Page - OSRAM GmbH LTRBRASF Datasheet HTML 9Page - OSRAM GmbH LTRBRASF Datasheet HTML 10Page - OSRAM GmbH LTRBRASF Datasheet HTML 11Page - OSRAM GmbH LTRBRASF Datasheet HTML 12Page - OSRAM GmbH LTRBRASF Datasheet HTML 13Page - OSRAM GmbH LTRBRASF Datasheet HTML 14Page - OSRAM GmbH LTRBRASF Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 
LTRB RASF
2017-05-15
11
Relative Vorwärtsspannung
5) Seite 23
Relative Forward Voltage
5) page 23
V
F = VF - VF(25 °C) = f (Tj); IF = 20 mA (true green)
Relative Vorwärtsspannung
5) Seite 23
Relative Forward Voltage
5) page 23
V
F = VF - VF(25 °C) = f (Tj); IF = 20 mA (blue)
Relative Vorwärtsspannung
5) Seite 23
Relative Forward Voltage
5) page 23
V
F = VF - VF(25 °C) = f (Tj); IF = 20 mA (red)
LTRB RASF
-40
-20
0
204060
80
Tj [°C]
-0.4
-0.2
0.0
0.2
ΔVF [V]
: true green
LTRB RASF
-40
-20
0
204060
80
Tj [°C]
-0.4
-0.2
0.0
0.2
ΔVF [V]
: blue
LTRB RASF
-40
-20
0
204060
80
Tj [°C]
-0.4
-0.2
0.0
0.2
ΔVF [V]
: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com