Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRBRASF Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LTRBRASF
Description  Multi CHIPLED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASF Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LTRBRASF Datasheet HTML 12Page - OSRAM GmbH LTRBRASF Datasheet HTML 13Page - OSRAM GmbH LTRBRASF Datasheet HTML 14Page - OSRAM GmbH LTRBRASF Datasheet HTML 15Page - OSRAM GmbH LTRBRASF Datasheet HTML 16Page - OSRAM GmbH LTRBRASF Datasheet HTML 17Page - OSRAM GmbH LTRBRASF Datasheet HTML 18Page - OSRAM GmbH LTRBRASF Datasheet HTML 19Page - OSRAM GmbH LTRBRASF Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2017-05-15
16
Version 
LTRB RASF
Maßzeichnung
6) Seite 23
Package Outlines
6) page 23
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
5.3 mg
Gurtung / Polarität und Lage
6) Seite 23
Verpackungseinheit 4 Rollen mit 3000/Rolle,
ø180 mm
Method of Taping / Polarity and Orientation
6) page 23
Packing unit 4 reels with 3000/reel, ø180 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com