Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53124 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53124
Description  POWER MOSFET OPTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53124 Datasheet(HTML) 4 Page - Micropac Industries

  53124_13 Datasheet HTML 1Page - Micropac Industries 53124_13 Datasheet HTML 2Page - Micropac Industries 53124_13 Datasheet HTML 3Page - Micropac Industries 53124_13 Datasheet HTML 4Page - Micropac Industries 53124_13 Datasheet HTML 5Page - Micropac Industries 53124_13 Datasheet HTML 6Page - Micropac Industries 53124_13 Datasheet HTML 7Page - Micropac Industries 53124_13 Datasheet HTML 8Page - Micropac Industries 53124_13 Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
7/15/13
Rev E
Pg.
4 of 14
53124
Radiation Tolerant Power MOSFET Optocoupler
TYPICAL CHARACTERISTICS - (Pre-Irradiation)
All typical values are at TA = 25°C, IF (ON) = 10 mA, VF (OFF) = 0.6 V unless otherwise specified.
Parameter
Symbol
Test Conditions
Typical Value
Units
Notes
Output Off-Capacitance
CO (OFF)
VO = 28 V
f = 1 MHz
145
pF
Output Offset Voltage
VOS
IF = 10 mA
IO = 0 mA
2
V
7
Input Diode Temperature Coefficient
V
F /TA
IF = 10 mA
-1.4
mV/°C
Input Capacitance
CIN
VF = 0 V
f = 1 MHz
20
pF
8
Input-Output Capacitance
CI-O
VI-O = 0 V
f = 1 MHz
1.5
pF
5
Input-Output Resistance
RI-O
VI-O = 500 V
t = 60 s
10
13
5
Notes:
1.
Maximum average current rating where the case temperature (TC) is maintained below 120°C.
2.
Maximum junction to case thermal resistance for the device is 10°C/W, where case temperature (TC) is measured at
the center of the package bottom.
3.
For rating, see Figure 5. The output power PD rating curve is obtained when the part is handling the maximum
average output current IO as shown in Figure 3.
4.
During the pulsed RON measurement (IO duration < 30 ms), ambient (TA) and case temperature (TC) are equal.
5.
Pins 2 through 3 shorted together and pins 5 through 8 shorted together.
6.
This is a momentary withstand test, not an operating condition.
7.
VOS is a function of IF and is defined between pins 5 and 8, with pin 5 as the reference. VOS must be measured in a
stable ambient (free of temperature gradients).
8.
Zero-bias capacitance measured between the LED anode and cathode.
CAUTION:
Care should be taken not to exceed the maximum output power dissipation, maximum case temperature, and
maximum junction temperature when repetitively switching loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com