Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53124 Datasheet(PDF) 13 Page - Micropac Industries

Part # 53124
Description  POWER MOSFET OPTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53124 Datasheet(HTML) 13 Page - Micropac Industries

Back Button 53124_13 Datasheet HTML 6Page - Micropac Industries 53124_13 Datasheet HTML 7Page - Micropac Industries 53124_13 Datasheet HTML 8Page - Micropac Industries 53124_13 Datasheet HTML 9Page - Micropac Industries 53124_13 Datasheet HTML 10Page - Micropac Industries 53124_13 Datasheet HTML 11Page - Micropac Industries 53124_13 Datasheet HTML 12Page - Micropac Industries 53124_13 Datasheet HTML 13Page - Micropac Industries 53124_13 Datasheet HTML 14Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
7/15/13
Rev E
Pg.
13 of 14
CASE OUTLINE
P
SEATING PLANE
PIN 1
ESD
SYMBOL
DATE
CODE
Q XXXXX
31757 USA
SEATING
PLANE
CASE OUTLINE
Y
CASE OUTLINE
X
53124
Radiation Tolerant Power MOSFET Optocoupler
Notes:
1.
Pin 1 is indicated by the ESD Triangles marked on the lid of the package.
2.
Dimensions are in inches (mm).
3.
Metric equivalents are given for general information only.
4.
Unless otherwise specified, Tolerance is ± 005 (0.13mm)
5.
The package is an 8 lead, side brazed ceramic package. The weld ring is Kovar and the leads are Alloy 42.
Plating is 50 micro inches minimum gold over 100 micro inches minimum of nickel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com