Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1276AN Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA1276AN
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AN Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA1276AN Datasheet HTML 9Page - Toshiba Semiconductor TA1276AN Datasheet HTML 10Page - Toshiba Semiconductor TA1276AN Datasheet HTML 11Page - Toshiba Semiconductor TA1276AN Datasheet HTML 12Page - Toshiba Semiconductor TA1276AN Datasheet HTML 13Page - Toshiba Semiconductor TA1276AN Datasheet HTML 14Page - Toshiba Semiconductor TA1276AN Datasheet HTML 15Page - Toshiba Semiconductor TA1276AN Datasheet HTML 16Page - Toshiba Semiconductor TA1276AN Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
TA1276AN
2002-03-29
13
BUS CONTROL MAP
WRITE MODE
SLAVE ADDRESS : 88H (10001000)
PRESET
SUB
ADDRESS
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
LSB
00
P-MUTE
UNI-COLOR
1000
0000
01
BRIGHTNESS
1000
0000
02
COLOR
Y-MUTE
1000
0000
03
TINT
YM-SW
1000
0000
04
SHARPNESS
YNR
1000
0000
05
RGB BRIGHTNESS
WPS L
1000
0000
06
HI BRT
RGB CONTRAST
1000
0000
07
SUB COLOR
COLOR γ
CLT
1000
0000
08
SUB CONTRAST
Y-γ CURVE
FLESH
1000
0000
09
G (R) DRIVE
DR-SW
1000
0000
0A
B DRIVE
CDE
1000
0000
0B
HORIZONTAL POSITION
HV-SepL
V-OFF
H-BLK
1000
0000
0C
R CUT OFF
1000
0000
0D
G CUT OFF
1000
0000
0E
B CUT OFF
1000
0000
0F
R-Y PHASE
R / B GAIN
G / B GAIN
G-Y PHASE
0000
0000
10
COLOR SYSTEM
P / N-ID
BB SW
OSD-SL
OS-ACL
TX-ACL
0000
0000
11
VSM PHASE
VSM GAIN
APACON PEAK f0
VSM-PB
0000
0000
12
DC RESTORATION POINT
DC RESTORATION RATE
DC REST. LIMIT
0000
0000
13
BLACK STRETCH POINT
APL VS BSP
Y-γ PNT
VSM-H.PB FREQ
0000
0000
14
SHR-TRACKING
TEST
RGB-γ
B.L.C.
B.S.G.
B.D.L.
BS-ARE
0000
0000
15
DYNAMIC ABL POINT
DYNAMIC ABL GAIN
AKB MODE
0000
0000
16
ABL POINT
ABL GAIN
RGB OUT MODE
0000
0000
17
HD-OUT
V-BLK
VERTICAL FREQUENCY
VERTICAL POSITION
0000
0000
18
Y-DL
C-TRAP
TOF f0
TOF-Q
0000
0000
READ MODE
SLAVE ADDRESS : 89H (10001001)
D7
D6
D5
D4
D3
D2
D1
D0
0
PORSET
COLOR SYSTEM
X’tal
V-FREQ
V-STD
H-LOCK
1
N-DET
RGBOUT
Y1-IN
IQ-IN
Y2-IN
H-OUT
VP-OUT
IK-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com