Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1276AN Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TA1276AN
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AN Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TA1276AN Datasheet HTML 17Page - Toshiba Semiconductor TA1276AN Datasheet HTML 18Page - Toshiba Semiconductor TA1276AN Datasheet HTML 19Page - Toshiba Semiconductor TA1276AN Datasheet HTML 20Page - Toshiba Semiconductor TA1276AN Datasheet HTML 21Page - Toshiba Semiconductor TA1276AN Datasheet HTML 22Page - Toshiba Semiconductor TA1276AN Datasheet HTML 23Page - Toshiba Semiconductor TA1276AN Datasheet HTML 24Page - Toshiba Semiconductor TA1276AN Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
TA1276AN
2002-03-29
21
RECOMMENDED CONDITION IN USE
CHARACTERISTIC
DESCRIPTION
MIN
TYP.
MAX
UNIT
Pin 5
4.3
5.0
5.3
Supply Voltage
Pin 22, Pin 40, Pin 46
8.7
9.0
9.3
V
Y1 / Sync, Y2 Input Signal Level
White : 100%, including,
synchronization
(Synchronization : minus)
0.9
1.0
1.1
Vp-p
When TOF OFF (Burst level)
200
300
400
Chroma Input Signal Level
When TOF ON (Burst level)
100
200
300
mVp-p
I / Q, U / V Input Level
B : C = 1 : 1
―
300
―
mVp-p
When OSD input (DC coupling)
4.2
―
5.0
V
OSD / Analog RGB Input Level
When analog RGB input (AC coupling)
0.4
0.5
0.6
Analog RGB Input Level
―
0.4
0.5
0.6
Vp-p
FBP Width
―
11
12
13
µs
FBP Input Current
―
―
―
1.5
RGB Output Current
―
―
1.0
2.0
H. Output Current
―
―
3.0
10.0
Pin 18 Input Current
―
―
0.5
1.0
mA
ELECTRICAL CHARACTERISTICS
(VCC1 = 5V, VCC2 / VCC3 / DEF VCC = 9V, Ta = 25°C, unless otherwise specified)
SUPPLY CURRENT
PIN NAME
SYMBOL
TEST
CIR-
CUIT
MIN
TYP.
MAX
UNIT
VCC1
ICC1
―
34.0
40.5
50.0
VCC2
ICC2
―
33.0
40.0
49.0
VCC3
ICC3
―
32.0
39.5
48.0
DEF VCC
ICC4
―
9.5
12.8
18.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com