Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1680 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic CS1680 Datasheet HTML 11Page - Cirrus Logic CS1680 Datasheet HTML 12Page - Cirrus Logic CS1680 Datasheet HTML 13Page - Cirrus Logic CS1680 Datasheet HTML 14Page - Cirrus Logic CS1680 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS1680
DS1055F1
11
page 11). If the boost output voltage exceeds the
overvoltage protection threshold, a BOP fault signal is
generated. Boost overvoltage threshold VBOP(th) is
calculated using Equation 4:
For a nominal system design where resistor RBST
equals 604k
 and full-scale voltage VBST(full) equals
40V, this sets threshold voltage VBOP(th) to 37.4V.
The control logic continuously averages this BOP fault
signal, and if at any point in time the average exceeds a
set event threshold, the boost stage is disabled.
5.3.3 Voltage Clamp Circuit
During transient events and interactions with electronic
transformers, it is possible for the boost stage to
generate more power than is consumed by the second
stage. A clamping circuit is added to the system to
dissipate the excess power. The CS1680 provides
active clamp circuitry on pin CLAMP, as shown in
Figure 12.
The clamp circuit is enabled when boost output
voltage VBST exceeds the clamp turn-on threshold
voltage VCLAMP(on). The clamp circuit will remain turned
on until boost output voltage VBST is lowered below the
clamp turn-off threshold voltage VCLAMP(off). Threshold
voltage VCLAMP(on) is calculated using Equation 5:
Threshold voltage VCLAMP(off) is calculated using
Equation 6:
Clamp Overpower Protection
The CS1680 clamp overpower protection (COP) control
logic continuously monitors the turn-on time of the
clamp circuit. If the cumulative turn-on time exceeds
200ms during the internally generated 2-second
window time, a COP event is actuated, disabling the
boost and buck stages. The clamp circuitry is turned off
during the fault event.
5.4 Buck Stage
The second stage is a current-regulated buck converter,
delivering the highest possible efficiency at a constant
current while minimizing line frequency ripple. A buck
stage is illustrated in Figure 13. Primary-side control is
used to simplify system design and reduce system cost
and complexity.
When operating with a dimmer, the dimming signal is
extracted in the time domain and is proportional to the
conduction angle of the dimmer. A control variable is
passed to the second stage to achieve 5% to 100%
output currents.
The buck stage control parameters assures the LED
current remains constant despite a ±10% line voltage
variation (line regulation), and the LED current remains
constant over a ±20% variation in buck inductor
inductance.
5.4.1 Buck Inductor Model
The BUCKSENSE input is used to sense the buck
inductor current. When the current reaches a certain
threshold, the gate drive turns off (output on pin
BUCKGD). The sensed current and internal calculation
are used to determine the switching period TTBUCK.
The zero-current detect input on pin BUCKZCD is used
to
determine
the
buck
inductor
zero-crossing
VBOP th

VBST full

KBOP
=
[Eq.4]
CLAMP
RCLAMP
VBST
CS1680
11
CBST
VDD
EXL
Core
QCLAMP
Figure 12. CLAMP Pin Model
VCLAMP on

VBST full

KCLAMP on

=
[Eq.5]
VCLAMP off

VBST full

KCLAMP off

=
[Eq.6]
GND
BUCKGD
BUCKSENSE
CS1680
RBUCK(Sense)
QBUCK
LED +
LED -
VBST
CBST
DBUCK
COUT
13
12
4
C4
BUCKZCD
9
LBUCK
Figure 13. Buck Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com