Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1680 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic CS1680 Datasheet HTML 11Page - Cirrus Logic CS1680 Datasheet HTML 12Page - Cirrus Logic CS1680 Datasheet HTML 13Page - Cirrus Logic CS1680 Datasheet HTML 14Page - Cirrus Logic CS1680 Datasheet HTML 15Page - Cirrus Logic CS1680 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS1680
14
DS1055F1
6. PACKAGE DRAWING
mm
inch
Dimension
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
1.1
--
--
0.043
A1
0.05
--
0.15
0.002
--
0.006
A2
0.85
--
0.95
0.033
--
0.037
b
0.19
--
0.27
0.007
--
0.011
b1
0.19
--
0.25
0.007
--
0.010
c
0.13
--
0.18
0.005
--
0.007
c1
0.09
--
0.14
0.004
--
0.006
D
4.9
5
5.1
0.193
0.197
0.201
E1
4.3
4.4
4.5
0.169
0.173
0.177
E
6.3
6.4
6.5
0.248
0.252
0.256
e
0.65BSC
0.026BSC
L
0.5
0.6
0.7
.020
0.024
0.028
L1
1REF
0.039REF
Θ10°
--
8°
0°
--
8°
Θ2
12°TYP
12°TYP
Θ3
12°TYP
12°TYP
R1
0.09
--
--
0.004
--
--
16L TSSOP (170 MIL BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com