Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7182 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7182 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
Page 4
G52307-0, Rev 2.2
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Word Alignment
The VSC7182 provides 7-bit comma character recognition and data word alignment. Word synchronization
is enabled on all channels by asserting SYNC HIGH. When synchronization is enabled, the receiver examines
the recovered serial data for the presence of the “Comma” pattern. This pattern is “0011111XXX”, where the
leading zero corresponds to the first bit received. The comma sequence is not contained in any normal 8B/10B
coded data character or pair of adjacent characters. It occurs only within special characters, known as K28.1,
K28.5 and K28.7, which are defined for synchronization purposes. Improper comma alignment is defined as
any of the following conditions:
1) The comma is not aligned within the 10-bit transmission character such that RXi(0...6) = “0011111.”
2) The comma straddles the boundary between two 10-bit transmission characters.
3) The comma is properly aligned but occurs in the received character presented during the rising edge of
RCi0 rather than RCi1.
When SYNC is HIGH and an improperly aligned comma is encountered, the recovered clock is stretched,
never slivered, so that the comma character and recovered clocks are aligned properly to RXi[0:9]. This results
in proper character and word alignment. When the parallel data alignment changes in response to a improperly
aligned comma pattern, data which would have been presented on the parallel output port prior to the comma
character, and possibly the comma character itself, may be lost. Possible loss of the comma character is data
dependent, according to the relative change in alignment. Data subsequent to the comma character will always
be output correctly and properly aligned. When SYNC is LOW, the current alignment of the serial data is main-
tained indefinitely, regardless of data pattern.
On encountering a comma character, SYNi is driven HIGH. The SYNi pulse is presented simultaneously
with the comma character and has a duration equal to the data. The SYNi signal is timed such that it can be cap-
tured by the adjoining protocol logic on the rising edge of RCi1. Functional waveforms for synchronization are
given in Figure 2. The first K28.5 shows the case where the comma is detected, but it is misaligned so a change
in the output data alignment is required. Note that up to three characters prior to the comma character may be
corrupted by the realignment process. The second K28.5 shows the case when a comma is detected and no
phase adjustment is necessary. It illustrates the position of the SYNi pulse in relation to the comma character on
RXi[0:9].
Figure 2: Misaligned and Aligned K28.5 Characters
Corrupt
Corrupt
Corrupt
K28.5
Data1
Data2
Data3
K28.5
Data
RCi0
RCi1
RCi0
RCi1
SYNi
RXi[0:9]
([RCM HIGH)
(RCM LOW)
Misaligned Comma: Stretched
Aligned Comma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com