Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7182 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7182 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
G52307-0, Rev 2.2
Page 1
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC7182 is a full-speed quad Fibre Channel and Gigabit Ethernet transceiver IC. Each of the four
transmitters has a 10-bit wide bus, running up to 136MHz, which accepts 8B/10B encoded transmit characters
and serializes the data onto high-speed differential outputs at speeds up to 1.36Gb/s. The transmit data can be
synchronous to the reference clock, a common transmit byte clock or a per-channel transmit byte clock. Each
receiver samples serial receive data, recovers the clock and data, deserializes it into 10-bit receive characters,
outputs a recovered clock and detects “Comma” characters. The VSC7182 contains on-chip Phase-Lock Loop
(PLL) circuitry for synthesis of the baud-rate transmit clock and extraction of the clocks from the received serial
streams. The VSC7182 also includes a receiver squelch circuit to control the parallel data bus in the absence of
serial input.
VSC7182 Block Diagram (1 of 4 Channels)
• Four Complete Transmitter/ Receiver Functions
in a Single Integrated Circuit
• Full Fibre Channel (T11) and Gigabit Ethernet
(IEEE 802.3z) Compliance
• 1.05Gb/s to 1.36Gb/s Operation per Channel
• Common or Per-Channel Transmit Byte Clocks
• TTL or PECL Reference Clock Input
• Receiver Squelch Circuit
• Common and Per-Channel, Serial and Parallel
Loopback Controls
• Common Comma Detect Enable Inputs
• Per-Channel Comma Detect Outputs
• Cable Equalization in Receivers
• Replacement For Agilent’s HDMP-1682
• 3.3V Power Supply, 2.67 W Max Dissipation
• 208-Pin, 23mm BGA Packaging
RFCT
CAP0
CAP1
RFC+
RFC-
RFCM
SI+
SI-
Q D
Serial to
Parallel
Clock
Recovery
÷10
Comma
RXi[0:9]
Clock
Parallel
to Serial
SO+
SO-
10
10
Q D
Q
D
Detect
D Q
D Q
Multiply
Unit
x10/x20
1
0
RCi1
RCi0
SYNi
SYNC
PLUP
SLPN
TXi[0:9]
TCi
4
4
1
0
Loopback
Control
LPNi
4
RCM
÷10/
÷20
SEL
RFCO0
RFCO1
LTCN


Similar Part No. - VSC7182

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
VSC7186TW VITESSE-VSC7186TW Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
More results

Similar Description - VSC7182

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com