Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7760ARSRL Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7760ARSRL
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARSRL Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7760ARSRL Datasheet HTML 11Page - Analog Devices ADE7760ARSRL Datasheet HTML 12Page - Analog Devices ADE7760ARSRL Datasheet HTML 13Page - Analog Devices ADE7760ARSRL Datasheet HTML 14Page - Analog Devices ADE7760ARSRL Datasheet HTML 15Page - Analog Devices ADE7760ARSRL Datasheet HTML 16Page - Analog Devices ADE7760ARSRL Datasheet HTML 17Page - Analog Devices ADE7760ARSRL Datasheet HTML 18Page - Analog Devices ADE7760ARSRL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADE7760
Rev. 0 | Page 15 of 24
The HPF in Channel 1 has an associated phase response that is
compensated for on-chip. Figure 20 and Figure 21 show the
phase error between channels with the compensation network
activated. The ADE7760 is phase compensated up to 1 kHz as
shown, which ensures correct active harmonic power
calculation even at low power factors.
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR ACTIVE
POWER CALCULATION
2v
FREQUENCY (RAD/S)
0v
V1 × I0
V0 × I1
V1 × I1
2
Figure 19. Effect of Channel Offsets on the Active Power Calculation
FREQUENCY (Hz)
0
100
–0.05
–0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900
1000
Figure 20. Phase Error between Channels (0 Hz to 1 kHz)
FREQUENCY (Hz)
40
–0.05
–0.10
0.05
0
0.10
0.15
0.20
0.25
0.30
45
50
55
60
65
70
Figure 21. Phase Error between Channels (40 Hz to 70 Hz)
DIGITAL-TO-FREQUENCY CONVERSION
As previously described, the digital output of the low-pass filter
after multiplication contains the active power information.
However, because this LPF is not an ideal “brick wall” filter
implementation, the output signal also contains attenuated
components at the line frequency and its harmonics, that is,
cos(hωt), where h = 1, 2, 3, ..., and so on. The magnitude
response of the filter is given by
2
)
Hz
5
.
4
/
(
1
1
)
(
f
f
H
=
=
(6)
For a line frequency of 50 Hz, this gives an attenuation of the 2ω
(100 Hz) component of approximately –26.9 dB. The dominat-
ing harmonic is at twice the line frequency, that is, cos(2ωt), due
to the instantaneous power signal.
Figure 22 shows the instantaneous active power signal output of
the LPF, which still contains a significant amount of instantane-
ous power information, cos(2ωt). This signal is then passed to
the digital-to-frequency converter, where it is integrated
(accumulated) over time to produce an output frequency. This
accumulation of the signal suppresses or averages out any non-
dc components in the instantaneous active power signal. The
average value of a sinusoidal signal is zero. Therefore, the
frequency generated by the ADE7760 is proportional to the
average active power.
Figure 22 also shows the digital-to-frequency conversion for
steady load conditions: constant voltage and current. As can be
seen in Figure 22, the frequency output CF varies over time,
even under steady load conditions. This frequency variation is
primarily due to the cos(2ωt) component in the instantaneous
active power signal.
F1
F2
CF
DIGITAL-TO-
FREQUENCY
DIGITAL-TO-
FREQUENCY
MULTIPLIER
LPF
V
I
0
ϖ
2
ϖ
FREQUENCY (Rad/s)
LPF TO EXTRACT
ACTIVE POWER
(DC TERM)
TIME
TIME
F1
FOUT
INSTANTANEOUS ACTIVE POWER SIGNAL (FREQUENCY DOMAIN)
Figure 22. Active Power to Frequency Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com