Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7760ARSRL Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7760ARSRL
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARSRL Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7760ARSRL Datasheet HTML 14Page - Analog Devices ADE7760ARSRL Datasheet HTML 15Page - Analog Devices ADE7760ARSRL Datasheet HTML 16Page - Analog Devices ADE7760ARSRL Datasheet HTML 17Page - Analog Devices ADE7760ARSRL Datasheet HTML 18Page - Analog Devices ADE7760ARSRL Datasheet HTML 19Page - Analog Devices ADE7760ARSRL Datasheet HTML 20Page - Analog Devices ADE7760ARSRL Datasheet HTML 21Page - Analog Devices ADE7760ARSRL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADE7760
Rev. 0 | Page 18 of 24
Calibration Concerns
If the neutral circuit is chosen for the current circuit in the
arrangement shown in Figure 25, this may have implications for
the calibration accuracy. The ADE7760 powers up with the V1A
input active as normal. However, because there is no current in
the phase circuit, the signal on V1A is zero. This causes a fault to
be flagged and the active input to be swapped to V1B (neutral).
The meter can be calibrated in this mode, but the phase and
neutral CTs might differ slightly. Because under no-fault condi-
tions all billing is carried out using the phase CT, the meter
should be calibrated using the phase circuit. Of course, both
phase and neutral circuits can be calibrated.
Typically, when a meter is being calibrated, the voltage and
current circuits are separated as shown in Figure 25. This means
that current passes through only the phase or neutral circuit.
Figure 25 shows current being passed through the phase circuit.
This is the preferred option, because the ADE7760 starts billing
on the input V1A on power-up. The phase circuit CT is con-
nected to V1A in the diagram. Because there is no current in the
neutral circuit, the FAULT indicator comes on under these
conditions. However, this does not affect the accuracy of the
calibration and can be used as a means to test the functionality
of the fault detection.
AGND
V1B
V1N
V1A
RF
RF
CF
CF
CT
CT
RB
RB
0V
V1A
IB
IB
*RB + VR = RF
VR*
RB*
RA*
V2P
RF
V2N
CT
CF
V
TEST
CURRENT
240V RMS
Figure 25. Fault Conditions for Inactive Input Greater than Active Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com