Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL160CB-100ECN Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29SL160CB-100ECN
Description  16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160CB-100ECN Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29SL160CB-100ECN Datasheet HTML 24Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 25Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 26Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 27Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 28Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 29Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 30Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 31Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
28
Am29SL160C
November 1, 2004
Command Definitions
Table 12. Am29SL160C Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the falling edge of the WE# or CE# pulse, whichever happens
later.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A19–A12 uniquely select any sector.
Notes:
1. See Table 1, on page 11 for description of bus operations.
2. All values are in hexadecimal.
3. Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4. Data bits DQ15–DQ8 are don’t cares in byte mode.
5. Unless otherwise noted, address bits A19–A11 are don’t cares.
6. No unlock or command cycles required when in read mode.
7. The Reset command is required to return to the read mode (or to
the erase-suspend-read mode if previously in Erase Suspend)
when in the autoselect mode, or if DQ5 goes high (while providing
status information).
8. The fourth cycle of the autoselect command sequence is a read
cycle.
9. The data is 00h for an unprotected sector and 01h for a protected
sector. Data bits DQ15–DQ8 are don’t care. See the Autoselect
Command Sequence section for more information.
10. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
11. The Unlock Bypass Reset command is required to return to the
read mode when in the unlock bypass mode.
12. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
13. The Erase Resume command is valid only during the Erase
Suspend mode.
14. Command is valid when device is ready to read array data or
when device is in autoselect mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data
Addr
Data
Addr
Data
Addr Data Addr Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
Word
4
555
AA
2AA
55
555
90
X00
01
Byte
AAA
555
AAA
Device ID
(Top Boot/Bottom
Boot)
Word
4
555
AA
2AA
55
555
90
X01
22E4/
22E7
Byte
AAA
555
AAA
X02
E4/E7
SecSi Sector Factory
Protect
Word
4
555
AA
2AA
55
555
90
X03
Byte
AAA
555
AAA
X06
Sector Protect Verify
(Note 9)
Word
4
555
AA
2AA
55
555
90
(SA)X02
Byte
AAA
555
AAA
(SA)X04
Enter SecSi Sector Region
Word
3
555
AA
2AA
55
555
88
Byte
AAA
555
AAA
Exit SecSi Sector Region
Word
4
555
AA
2AA
55
555
90
XXX
00
Byte
AAA
555
AAA
Program
Word
4
555
AA
2AA
55
555
A0
PA
PD
Byte
AAA
555
AAA
Unlock Bypass
Word
3
555
AA
2AA
55
555
20
Byte
AAA
555
AAA
Unlock Bypass Program (Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 11)
2
BA
90
XXX
00
Chip Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Byte
AAA
555
AAA
AAA
555
AAA
Sector Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Byte
AAA
555
AAA
AAA
555
Erase Suspend (Note 12)
1
BA
B0
Erase Resume (Note 13)
1
BA
30
CFI Query (Note 14)
Word
1
55
98
Byte
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com