Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL160CB-100ECN Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29SL160CB-100ECN
Description  16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160CB-100ECN Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29SL160CB-100ECN Datasheet HTML 9Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 10Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 11Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 12Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 13Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 14Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 15Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 16Page - Advanced Micro Devices AM29SL160CB-100ECN Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
November 1, 2004
Am29SL160C
13
RESET# pin is driven low for at least a period of tRP, the
device immediately terminates any operation in
progress, tristates all output pins, and ignores all read/
write commands for the duration of the RESET# pulse.
The device also resets the internal state machine to
reading array data. The operation that was interrupted
should be reinitiated once the device is ready to accept
another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS ± 0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is held
at VIL but not within VSS ± 0.2 V, the standby current is
greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of tREADY (not during Embedded Algo-
rithms). The system can read data tRH after the
RESET# pin returns to VIH.
Refer to “AC Characteristics” on page 37 for RESET#
parameters and to “RESET# Timings” on page 38 for
the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com