Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1CAN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PESD1CAN in small SOT23 SMD plastic package designed to protect two automotive
Control Area Network (CAN) bus lines from the damage caused by ElectroStatic
Discharge (ESD) and other transients.
1.2 Features
s Due to the integrated diode structure only one small SOT23 package is needed to
protect two CAN bus lines
s Max. peak pulse power: Ppp = 200 W at tp = 8/20 µs
s Low clamping voltage: V(CL)R = 40 V at Ipp = 1 A
s Ultra low leakage current: IRM < 1 nA
s ESD protection of up to 23 kV
s IEC 61000-4-2, level 4 (ESD)
s IEC 61000-4-5 (surge); Ipp = 3 A at tp = 8/20 µs
s Small SMD plastic package
1.3 Applications
s CAN bus protection
s Automotive applications
1.4 Quick reference data
PESD1CAN
CAN bus ESD protection diode in SOT23
Rev. 01 — 25 January 2005
Objective data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
-
-
24
V
Cd
diode capacitance
VR = 0 V;
f=1MHz
-11
-
pF


Similar Part No. - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD1CAN NXP-PESD1CAN Datasheet
97Kb / 12P
CAN bus ESD protection diode
Rev. 04-15 February 2008
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
More results

Similar Description - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
CAN BUS ESD PROTECTION DIODE
Rev 1
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
CAN BUS ESD PROTECTION DIODE
Rev 1
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com