Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 56 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 56 Page - SPANSION

Back Button S29GL032A Datasheet HTML 52Page - SPANSION S29GL032A Datasheet HTML 53Page - SPANSION S29GL032A Datasheet HTML 54Page - SPANSION S29GL032A Datasheet HTML 55Page - SPANSION S29GL032A Datasheet HTML 56Page - SPANSION S29GL032A Datasheet HTML 57Page - SPANSION S29GL032A Datasheet HTML 58Page - SPANSION S29GL032A Datasheet HTML 59Page - SPANSION S29GL032A Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
54
S29GLxxxA MirrorBit™ Flash Family
S29GLxxxA_00_A2 January 28, 2005
Ad van c e
Inf o rmation
program operation. Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can also issue the autoselect com-
mand sequence. Refer to the “Autoselect Mode” section on page 30 and
“Autoselect Command Sequence” section on page 44 sections for details.
To resume the sector erase operation, the system must write the Erase Resume
command. Further writes of the Resume command are ignored. Another Erase
Suspend command can be written after the chip has resumed erasing.
Note:During an erase operation, this flash device performs multiple internal operations which are invisible to the system. When an
erase operation is suspended, any of the internal operations that were not fully completed must be restarted. As such, if this flash
device is continually issued suspend/resume commands in rapid succession, erase progress will be impeded as a function of the
number of suspends. The result will be a longer cumulative erase time than without suspends. Note that the additional suspends do
not affect device reliability or future performance. In most systems rapid erase/suspend activity occurs only briefly. In such cases,
erase performance will not be significantly impacted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com