Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 80 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 80 Page - SPANSION

Back Button S29GL032A Datasheet HTML 76Page - SPANSION S29GL032A Datasheet HTML 77Page - SPANSION S29GL032A Datasheet HTML 78Page - SPANSION S29GL032A Datasheet HTML 79Page - SPANSION S29GL032A Datasheet HTML 80Page - SPANSION S29GL032A Datasheet HTML 81Page - SPANSION S29GL032A Datasheet HTML 82Page - SPANSION S29GL032A Datasheet HTML 83Page - SPANSION S29GL032A Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
78
S29GLxxxA MirrorBit™ Flash Family
S29GLxxxA_00_A2 January 28, 2005
Ad van c e
Inf o rmation
Alternate CE# Controlled Erase and Program Operations-S29GL032A
Notes:
1. Not 100% tested.
2. See “Erase And Programming Performance” for more information
3. For 1–16 words/1–32 bytes programmed.
4. If a program suspend command is issued within tPOLL, the device requires tPOLL before reading status data, once
programming resumes (that is, the program resume command has been written). If the suspend command was issued after
tPOLL, status data is available immediately after programming resumes. See Figure 24.
Parameter
Description
Speed Options
Unit
JEDEC
Std.
90
10
11
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
110
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tDVEH
tDS
Data Setup Time
Min
35
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
ns
tEHEL
tCPH
CE# Pulse Width High
Min
25
ns
tWHWH1
tWHWH1
Write Buffer Program Operation (Notes 2, 3)
Typ
240
µs
Single Word Program Operation (Note 2)
Typ
60
Accelerated Single Word Program Operation (Note 2)
Typ
54
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
tRH
RESET# High Time Before Write
Min
50
ns
tPOLL
Program Valid before Status Polling (Note 4)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com