Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STQ1NK60ZR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STQ1NK60ZR
Description  N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1NK60ZR Datasheet(HTML) 2 Page - STMicroelectronics

  STQ1NK60ZR Datasheet HTML 1Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 2Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 3Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 4Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 5Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 6Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 7Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 8Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STD1LNK60Z-1 - STQ1NK60ZR - STN1NK60Z
2/14
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤0.3A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Table 4: Thermal Data
(#) When mounted on 1 inch² Fr-4 board, 2 Oz Cu
Table 5: Avalanche Characteristics
Table 6: Gate-Source Zener Diode
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
IPAK
TO-92
SOT-223
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
0.8
0.3
0.3
A
ID
Drain Current (continuous) at TC = 100°C
0.5
0.189
0.189
A
IDM ( )
Drain Current (pulsed)
3.2
1.2
1.2
A
PTOT
Total Dissipation at TC = 25°C
25
3
3.3
W
Derating Factor
0.24
0.025
0.026
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
800
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
IPAK
TO-92
SOT-223
Rthj-case
Thermal Resistance Junction-case Max
5
--
--
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
120
37.87(#)
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
--
40
--
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
260
260
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
0.8
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
60
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com