Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STQ1NK60ZR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STQ1NK60ZR
Description  N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1NK60ZR Datasheet(HTML) 4 Page - STMicroelectronics

  STQ1NK60ZR Datasheet HTML 1Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 2Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 3Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 4Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 5Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 6Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 7Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 8Page - STMicroelectronics STQ1NK60ZR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STD1LNK60Z-1 - STQ1NK60ZR - STN1NK60Z
4/14
Figure 3: Safe Operating Area for IPAK
Figure 4: Safe Operating Area for TO-92
Figure 5: Safe Operating Area for SOT-223
Figure 6: Thermal Impedance for IPAK
Figure 7: Thermal Impedance for TO-92
Figure 8: Thermal Impedance for SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com