Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTF1N250 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF1N250
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF1N250 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF1N250 Datasheet HTML 1Page - IXYS Corporation IXTF1N250 Datasheet HTML 2Page - IXYS Corporation IXTF1N250 Datasheet HTML 3Page - IXYS Corporation IXTF1N250 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
IXTF1N250
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 50V, ID = 0.5 • ID25, Note 1
1.0
1.8
mS
C
iss
1660
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
77
pF
C
rss
23
pF
t
d(on)
69
ns
t
r
25
ns
t
d(off)
132
ns
t
f
39
ns
Q
g(on)
41
nC
Q
gs
V
GS = 10V, VDS = 600V, ID = 0.5 • ID25
8
nC
Q
gd
16
nC
R
thJC
1.13
°C/W
R
thCS
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
1.5
A
I
SM
Repetitive, pulse width limited by T
JM
6
A
V
SD
I
F = 1A, VGS = 0V, Note 1
1.5
V
t
rr
I
F = 1A, -di/dt = 100A/µs, VR = 200V
2.5
µs
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = ID25
R
G = 5Ω (External)
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin 2 = Source
Pin 3 = Drain
Tab 4 = Isolated
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Notes 1. Pulse test, t
≤ 300µs, duty cycle, d ≤ 2%.
2. Device must be heatsunk for high-temp I
DSS
measurement to avoid thermal runaway.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com