Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMAR05 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMAR05
Description  DC/DC Switching Regulator Single Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAR05 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMAR05 Datasheet HTML 1Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 2Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 3Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
DCMAR05 SERIES
0.5A
DC/DC Switching Regulator
Single Outputs
5/22/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+90
ºC
Storage Temperature
-55
+125
ºC
Case Temperature
+100
ºC
Humidity
Non Condensing
95
%RH
Thermal Shutdown
Internal IC Junction
160
ºC
Cooling(4)
Natural Convection
Lead-Free Reflow Solder Process 1.5mm from case for 10sec
260
ºC
MTBF (Calculated)
MIL-HDBK-217F@25ºC, Ground Benign
2,000,000
Hours
GENERAL SPECIFICATIONS
Typical Efficiency
See Table
Switching Frequency
280
330
380
KHz
PHYSICAL SPECIFICATIONS
Weight
0.069oz (1.95g)
Dimensions (L x W x H)
0.45in x 0.30in x 0.40in
(11.5mm x 7.55mm x 10.2mm)
Case Material
Non-Conductive Black Plastic
(Flammability to UL94V-0 rated)
Pin Material
Alloy 42
SAFETY CHARACTERISTICS
EMI
Radiation without adding external components
EN55022, FCC Part 15
Class B
Conduction with external components
EMS
ESD
EN61000-4-2 Air±8kV
A
Radiated Immunity
EN61000-4-3 3V/m
A
Fast Transient(5)
EN61000-4-4 ±0.5kV
A
Conducted Immunity
EN61000-4-6 3Vrms
A
PFMF
EN61000-4-8 3A.m
A
NOTES
1.
With an input capacitor 22µF/50V for input voltage >28VDC, input voltage allows 32VDC, max.
2.
Other input and output voltages may be available, please contact factory.
3.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
4.
Natural Convection is about 20LFM but is not equal to still air (0LFM).
5.
This series can meet EN61000-4-4 by adding a capacitor across the input pins. Suggested capacitor: CHEMI-CON KY 330µF/100V.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com